Part Number Hot Search : 
ISL6446A UCN5800 01160 UN221K N54LS 222M1 21010 2SB1242Q
Product Description
Full Text Search
 

To Download PMLL5228B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
1/3 page (Datasheet)
M3D054
PMLL5225B to PMLL5267B Voltage regulator diodes
Product specification Supersedes data of November 1993 1996 Apr 26
Philips Semiconductors
Product specification
Voltage regulator diodes
FEATURES * Total power dissipation: max. 500 mW * Tolerance series: 5% * Working voltage range: nom. 3.0 to 75 V * Non-repetitive peak reverse power dissipation: max. 40 W. APPLICATIONS * Low-power voltage stabilizers or voltage references.
handbook, 4 columns
PMLL5225B to PMLL5267B
DESCRIPTION Low-power voltage regulator diodes in small hermetically sealed glass SOD80C SMD packages. The series consists of 43 types with nominal working voltages from 3.0 to 75 V.
k
a
MAM215
The cathode is indicated by a yellow band.
Fig.1 Simplified outline (SOD80C) and symbol.
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL IF IZSM Ptot PZSM PARAMETER continuous forward current non-repetitive peak reverse current total power dissipation non-repetitive peak reverse power dissipation tp = 100 s; square wave; Tj = 25 C prior to surge Tamb = 25 C; note 1 tp = 100 s; square wave; Tj = 25 C prior to surge; see Fig.3 tp = 8.3 ms; square wave; Tj 55 C prior to surge Tstg Tj Note 1. If flanges are kept at Tflange 75 C. ELECTRICAL CHARACTERISTICS Total series Tj = 25 C; unless otherwise specified. SYMBOL VF PARAMETER forward voltage CONDITIONS IF = 200 mA; see Fig.4 MIN. - MAX. 1.1 V UNIT storage temperature junction temperature CONDITIONS MIN. - MAX. 250 UNIT mA
see Table "Per type" - - - -65 -65 500 40 10 +200 +200 mW W W C C
1996 Apr 26
2
1996 Apr 26 3
Philips Semiconductors
Per type Tj = 25 C; unless otherwise specified. WORKING DIFFERENTIAL VOLTAGE RESISTANCE VZ (V)(1) rdif () at IZtest at IZtest NOM. PMLL5225B PMLL5226B PMLL5227B PMLL5228B PMLL5229B PMLL5230B PMLL5231B PMLL5232B PMLL5233B PMLL5234B PMLL5235B PMLL5236B PMLL5237B PMLL5238B PMLL5239B PMLL5240B PMLL5241B PMLL5242B PMLL5243B PMLL5244B PMLL5245B PMLL5246B PMLL5247B PMLL5248B PMLL5249B PMLL5250B 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 MAX. 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 TEMP. COEFF. SZ (%/K) at IZ(2) DIODE CAP. REVERSE CURRENT TEST Cd (pF) at REVERSE CURRENT VOLTAGE IZtest (mA) at f = 1 MHz; at VR = 0 V IR (A) V
R
Voltage regulator diodes
TYPE No.
NON-REPETITIVE PEAK REVERSE CURRENT IZSM (A) at tp = 100 s; Tamb = 25 C MAX. 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 4.0 4.0 3.5
MAX. -0.075 -0.070 -0.065 -0.060 0.055 0.030 0.030 +0.038 +0.038 +0.045 +0.050 +0.058 +0.062 +0.065 +0.068 +0.075 +0.076 +0.077 +0.079 +0.082 +0.082 +0.083 +0.084 +0.085 +0.086 +0.086 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2
MAX. 450 450 450 450 450 450 300 300 300 200 200 150 150 150 150 90 85 85 80 80 75 75 75 70 70 60
MAX. 50 25 15 10 5 5 5 5 5 5 3 3 3 3 3 3 2 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1
(V) 1.0 1.0 1.0 1.0 1.0 1.5 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10.0 11.0 12.0 13.0 14.0 14.0 15.0
PMLL5225B to PMLL5267B
3.0 3.0 2.5 2.5 2.5 2.0 2.0 1.5 1.5 1.5 1.5 1.5
Product specification
1996 Apr 26 4
Philips Semiconductors
TYPE No.
WORKING DIFFERENTIAL VOLTAGE RESISTANCE VZ (V)(1) rdif () at IZtest at IZtest NOM. MAX. 600 600 600 600 600 600 700 700 800 900 1000 1100 1300 1400 1400 1600 1700
TEMP. COEFF. SZ (%/K) at IZ(2)
DIODE CAP. REVERSE CURRENT TEST Cd (pF) CURRENT at REVERSE IZtest (mA) at f = 1 MHz; VOLTAGE at VR = 0 V IR (A) V
R
NON-REPETITIVE PEAK REVERSE CURRENT IZSM (A) at tp = 100 s; Tamb = 25 C MAX. 1.25 1.25 1.25 1.0 1.0 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.3 0.3 0.25 0.2
Voltage regulator diodes
MAX. +0.087 +0.088 +0.089 +0.090 +0.091 +0.091 +0.092 +0.093 +0.094 +0.095 +0.095 +0.096 +0.096 +0.097 +0.097 +0.097 +0.098 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5 2.2 2.1 2.0 1.8 1.7
MAX. 60 55 55 50 50 50 45 45 45 40 40 40 40 40 35 35 35
MAX. 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
(V) 17.0 18.0 19.0 21.0 21.0 23.0 25.0 27.0 30.0 33.0 36.0 39.0 43.0 46.0 47.0 52.0 56.0
PMLL5251B PMLL5252B PMLL5253B PMLL5254B PMLL5255B PMLL5256B PMLL5257B PMLL5258B PMLL5259B PMLL5260B PMLL5261B PMLL5262B PMLL5263B PMLL5264B PMLL5265B PMLL5266B PMLL5267B Notes
22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75
PMLL5225B to PMLL5267B
1. VZ is measured with device at thermal equilibrium while held in clips at 10 mm from body in still air at 25 C. 2. For types PMLL5225B to PMLL5242B the IZ current is 7.5 mA; for PMLL5243B and higher IZ = IZtest. SZ values valid between 25 C and 125 C.
Product specification
Philips Semiconductors
Product specification
Voltage regulator diodes
THERMAL CHARACTERISTICS SYMBOL Rth j-tp Rth j-a Note 1. Device mounted on a printed circuit-board without metallization pad. PARAMETER
PMLL5225B to PMLL5267B
CONDITIONS
VALUE 300 380
UNIT K/W K/W
thermal resistance from junction to tie-point lead length 10 mm thermal resistance from junction to ambient lead length max.; see Fig.2 and note 1
1996 Apr 26
5
Philips Semiconductors
Product specification
Voltage regulator diodes
GRAPHICAL DATA
PMLL5225B to PMLL5267B
103 handbook, full pagewidth Rth j-a (K/W) =1 0.75 0.50 0.33 0.20 0.10 0.05
MBG930
102
10
0.02 0.01 0.001 tp T
tp T
=
1 10-1
1
10
102
103
104
tp (ms)
105
Fig.2 Thermal resistance from junction to ambient as a function of pulse duration.
103 handbook, halfpage PZSM (W) 102
MBG801
MBG803
handbook, halfpage
250
IF (mA)
125
(1)
10
(2)
1 10-1
1
duration (ms)
10
0 0.5
0.75
VF (V)
1.0
(1) Tj = 25 C (prior to surge). (2) Tj = 150 C (prior to surge).
Tj = 25 C.
Fig.3
Maximum permissible non-repetitive peak reverse power dissipation versus duration.
Fig.4
Forward current as a function of forward voltage; typical values.
1996 Apr 26
6
Philips Semiconductors
Product specification
Voltage regulator diodes
PACKAGE OUTLINE
PMLL5225B to PMLL5267B
handbook, full pagewidth
1.60 O 1.45
0.3 3.7 3.3
0.3
MBA390 - 2
Dimensions in mm.
Fig.5 SOD80C.
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
1996 Apr 26
7


▲Up To Search▲   

 
Price & Availability of PMLL5228B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X